Part Number Hot Search : 
P0900SD 6M6MXXX RS202 2SD866AP SI913611 STK5461 P1240 UM240M
Product Description
Full Text Search
 

To Download 5082-2271 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 5082-2271
SCHOTTKY BARRIER DUAL DIODE
DESCRIPTION:
The 5082-2271 is a Low Barrier Schottky Barrier Dual Diode Designed for Single Balanced Mixer, Phase Detector and Modulator Applications up to 4 GHz.
PACKAGE STYLE 825
FEATURES INCLUDE:
* Low Barrier * Excellent Matching * Replacement for DMF-3070
MAXIMUM RATINGS
IF PDISS TJ TSTG TSOLDER 100 mA 75 mW @ TC = 25 C per Junction -65 C to +175 C -65 C to +175 C +235 C for 10 seconds
O O O O O O
NONE
CHARACTERISTICS
SYMBOL
VF VBR CT RD IF = 1 mA IR = 10 A VR = 0 V IF = 10 mA
TC = 25 C
O
TEST CONDITIONS
MINIMUM
220 2
TYPICAL
250
MAXIMUM
290
UNITS
mV V
f = 1.0 MHz
0.50 5
pF
A D V A N C E D S E M I C O N D U C T O R, I N C.
7525 ETHEL AVENUE * NORTH HOLLYWOOD, CA 91605 * (818) 982-1202 * FAX (818) 765-3004
Specifications are subject to change without
REV. A
1/1


▲Up To Search▲   

 
Price & Availability of 5082-2271

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X